Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button ISD8104RYI Datasheet HTML 5Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISD8102/ISD8104
Preliminary Data Sheet Rev 1.2
- 9 -
Publication Release Date Oct 30, 2011
6.3
AC PARAMETERS
6.3.1 Analog Characteristics; Cref = 1uF / Cvdd = 1uF
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
0.3 - 6.5
V
Vdd = 6.8Vdc
0.3 – 3.4
V
Vdd = 3.7Vdc
Input Voltage Range
0.3 - 1.7
V
Vdd = 2.0Vdc
Inverting Input Impedance
TBD
Gain = 20dB
Non-Inverting Input Impedance
TBD
Gain = 20dB
Power Supply Rejection Ratio
PSRR
75
dB
Vdd = 5Vdc
Common Mode Rejection Ratio
CMRR
70
dB
Signal at INP = INV
Voltage Gain
20
dB
Rinput = 0 Ω
Enable Time from Standby
0.5
msec
Single-ended
Enable Time from Standby
0.5
msec
Differential
Pop-and-Click from Standby
1
10
mV
Single Ended
Pop-and-Click from Standby
1
10
mV
Differential
Thermal Resistance
60
°C/W
SOP-8 (with Ex-Pad)
Thermal Resistance
150
°C/W
SOP-8
Notes:
[1] Impulse voltage that is potentially audible. After impulse, there is a slow ramp from standby
Vref to operating Vref, which is typically inaudible with Cref = 1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com