Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button ISD8104RYI Datasheet HTML 4Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 5Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISD8102/ISD8104
Preliminary Data Sheet Rev 1.2
- 8 -
Publication Release Date Oct 30, 2011
6 ELECTRICAL CHARACTERISTICS
6.1
OPERATING CONDITIONS
OPERATING CONDITIONS (DIE)
CONDITIONS
VALUES
Operating temperature range
1
-40°C to +85°C
Supply voltage (VDD)
+2.0V to +6.8V
Ground voltage (VSS)
0V
Input voltage (VDD)
Vss to VDD
Voltage applied to any pins
(VSS – 0.3V) to (VDD + 0.3V)
OPERATING CONDITIONS (INDUSTRIAL PACKAGED PARTS)
CONDITIONS
VALUES
Operating temperature range (Case temperature)
1
-40°C to +85°C
Supply voltage (VDD)
+2.0V to +6.8V
Ground voltage (VSS)
0V
Input voltage (VDD)
Vss to VDD
Voltage applied to any pins
(VSS – 0.3V) to (VDD + 0.3V)
Notes:
[1] Conditions V
DD=5V, TA=25°C unless otherwise stated.
Die temperature must at all
times be kept less than 125°C by appropriate thermal design of the system.
6.2
DC PARAMETERS
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
Supply Voltage
VDD
2.0
6.8
V
Operating Current
IDD
2.6
mA
VDD= 5V, no load
Standby Current
ISB
0.1
1
µA
VDD= 5V
CE input resistance
20k
Ω
Internal pull-down @ 0dB
CE input current
120
µA
CE=2.3V, VDD= 5V
CE threshold enabled
VENL
0.9
V
All supply voltages
CE threshold standby
VENH
1.5
V
All supply voltages
VREF Reference Voltage
VDD/2
V
Notes:
[1] Conditions V
DD=5V, TA=25°C unless otherwise stated.
Die temperature must at all
times be kept less than 125°C by appropriate thermal design of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com