Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 2 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 2 Page - Nuvoton Technology Corporation

  ISD8104RYI Datasheet HTML 1Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 2Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 3Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 4Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 5Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISD8102/ISD8104
Preliminary Data Sheet Rev 1.2
- 2 -
Publication Release Date Oct 30, 2011
1 GENERAL DESCRIPTION
The ISD8102/ ISD8104 are a general purpose analog audio amplifier, capable of driving a 4Ω load with
up to 2Wrms output power. This device includes output current limiting, chip enable, low standby
current and excellent pop-and-click suppression.
Also included is the ability to configure the input as either single-ended or differential. Internal resistors
set the device to have default 20dB gain (ISD8102/ISD8104), and with external resistors any gain less
than this can be achieved. The device is unity gain stable, including use with external feedback
resistors and external capacitors as may be optionally used for implementing simple filtering functions.
ISD8102:
The ISD8102 output can be configured to drive either single ended or bridge tied loads (BTL). The
Mode pin controls which configuration is active. This function is useful when using the IDS8102 to
alternate between driving a speaker or a mono earpiece which is connected through a shorting phone
jack. The Mode pin is connected to the normally closed pin of the shorting phone jack (see figure 3.1).
When nothing is plugged into the jack, the external resistor holds the Mode pin low, enabling BTL
mode. When a plug is inserted, the switch is opened and the mode pin goes to 1/2 VDD, as controlled
by the resistor divider, putting the amplifier into single ended mode. Note that in this example, the
speaker remains connected in both cases.
ISD8104:
The ISD8104 has differential inputs and can be configured to accept either single ended or differential
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com