Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button ISD8104RYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 13Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISD8102/ISD8104
6.3.2 Speaker Outputs
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
Signal-to-Noise Ratio
SNR
100
dB
0dB gain, 5Vdc
Load Impedance
RL(SPK)
4
Ω
Output Offset Voltage
8
mV
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
(THD+N)
Output Power (BTL mode)
PBTL
600
mW
<0.1% distortion
Load 4Ω
PBTL
1600
mW
<1% distortion
Vdd=5Vdc / 0dB gain
PBTL
2000
mW
<10% distortion
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
Units
Conditions (THD+N)
Output Power (BTL mode)
PBTL
600
mW
<0.1% distortion
Load 8Ω
PBTL
1200
mW
<1% distortion
Vdd=5Vdc / 0dB gain
PBTL
1400
mW
<10% distortion
Notes:
[1] Conditions V
DD=5V, TA=25°C unless otherwise stated.
Die temperature must at all
times be kept less than 125°C by thermal design of the system.
Preliminary Data Sheet Rev 1.2
- 10 -
Publication Release Date Oct 30, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com