Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 13Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 14Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 15Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 16Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISD8102/ISD8104
7 APPLICATION
7.1
GAIN SETTING – ISD8102
ISD8102
1uF
VREF
DC / Logic / Depop
Control
VDD
R1
R1
Shutdown
VIN
VOUTP
VOUTN
1uF
GND
4
2
1
7
6
8
5
20dB Gain
3 MODE
Current / Thermal
Protection
330uF
0.1uF
100kΩ
100kΩ
1kΩ
0.47uF
Rext
20kΩ
2kΩ
Differential Output Gain (VOUTP – VOUTN) =
By default: Rext = 0Ω,
ISD8102 Differential Output Gain = 20
ISD8102 Differential Output Gain (in dB) = 20 x log (20) = 26dB
Example: Rext = 18kΩ
ISD8102 Differential Output Gain = 2
ISD8102 Differential Output Gain (in dB) = 20 x log (2) = 6dB
Preliminary Data Sheet Rev 1.2
- 13 -
Publication Release Date Oct 30, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com