Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
26
Track ID: JATR-2265-11
Rev. 1.0
8. Supported Verbs and Parameters
This section describes the Verbs and Parameters supported by various widgets in the ALC665. If a verb is
not supported by the addressed widget, it will respond with 32 bits of ‘0’.
8.1. Verb – Get Parameters (Verb ID=F00h)
The ‘Get Parameters’ verb is used to get system information and the function capabilities of the HDA
codec. All the parameters are read-only. There are a total of 15 ID parameters defined for each widget.
Some parameters are supported only in a specific widget. Refer to section 7.4.1 Command Verb Format,
page 20, to get detailed information about supported parameters.
Table 20. Verb – Get Parameters (Verb ID=F00h)
Get Parameter Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=00h
Verb ID=F00h
Parameter ID[7:0]
32-bit Response
Note: If the parameter ID is not supported, the returned response is 32 bits of ‘0’.
8.1.1.
Parameter – Vendor ID (Verb ID=F00h, Parameter ID=00h)
Table 21. Parameter – Vendor ID (Verb ID=F00h, Parameter ID=00h)
Codec Response Format
Bit
Description
31:16
Vendor ID=10ECh (Realtek’s PCI Vendor ID)
15:0
Device ID=0663h
Note: The Root Node (NID=00h) supports this parameter.
8.1.2.
Parameter – Revision ID (Verb ID=F00h, Parameter ID=02h)
Table 22. Parameter – Revision ID (Verb ID=F00h, Parameter ID=02h)
Codec Response Format
Bit
Description
31:24
Reserved. Read as 0’s
23:20
MajRev=1h. The major version number (in decimal) of the HDA Specification
19:16
MinRev=0h. The minor version number (in decimal) of the HDA Specification
15:8
Revision ID. The vendor’s revision number
Note: 00h indicates ALC665 silicon.
7:0
Stepping ID. The vendor’s stepping number within the given Revision ID
Note: The Root Node (NID=00h) supports this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com