Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 13 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
3
Track ID: JATR-2265-11
Rev. 1.0
2.2. Software Features
Compatible with Windows Vista Premium (complies with Microsoft WLP 4.0 specifications)
WaveRT-based audio function driver and logo ready for Windows Vista
EAX™ 1.0 & 2.0 compatible
Direct Sound 3D™ compatible
I3DL2 compatible
HRTF 3D Positional Audio (Windows XP only)
Friendly user interface for 2-foot or 10-foot remote control applications
Emulation of 26 sound environments to enhance gaming experience
10 Software Equalizer Bands
Voice Cancellation and Key Shifting in Karaoke mode
Windows Vista style configuration panel to improve user experience
Microphone Acoustic Echo Cancellation (AEC), Noise Suppression (NS), and Beam Forming (BF)
technology for voice application
Features optional Dolby® Digital Live, Dolby® Home Theater, and DTS® CONNECT™ software
3. System Applications
Desktop and mobile multimedia PCs
Information Appliances (IA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com