Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
11
Track ID: JATR-2265-11
Rev. 1.0
7.1.2.
Signaling Topology
The HDA controller supports two SDOs for the outbound stream, and up to 15 SDIs for the inbound
stream. RESET#, BCLK, SYNC, SDO0, and SDO1 are driven by the controller to codecs. Each codec
drives its own point-to-point SDI signal(s) to the controller.
Figure 5, on page 11, shows the possible connections between the HDA controller and codecs:
• Codec 0 is a basic connection. There is one single SDO and one single SDI for normal transmission
• Codec 1 has two SDOs for doubled outbound rate, and a single SDI for normal inbound rate
• Codec 3 supports a single SDO for normal outbound rate, and two SDIs for doubled inbound rate
• Codec N has two SDOs and multiple SDIs
The multiple SDOs and multiple SDIs are used to expand the transmission rate between controller and
codecs. Section 7.2 Frame Composition, page 12, describes the detailed outbound and inbound stream
compositions for single and multiple SDOs/SDIs.
The connections shown in Figure 5 can be implemented concurrently in an HDA system. The ALC665 is
designed to receive a single SDO stream.
Codec 0
Codec 1
Codec 2
HDA
Controller
RST#
BCLK
SYNC
SDO0
SDO1
SDI0
SDI2
SDI14
Codec N
SDI1
SDI13
. . .
.
.
.
.
.
.
Single SDO
Single SDI
Two SDOs
Single SDI
Single SDO
Two SDIs
Two SDOs
Multiple SDIs
Figure 5.
Signaling Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com