Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 11 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 11 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 15Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
1
Track ID: JATR-2265-11
Rev. 1.0
1. General Description
The ALC665 is a 5.1-Channel High Definition Audio Codec designed for Windows Vista desktop and
mobile PCs. Its performance and functionality meet Microsoft Windows Vista (WLP 4.0) premium
mobile requirements. The ALC665 also conforms to Intel’s Audio Codec low-power-state white paper
and is ECR compliant.
The ALC665 features three stereo DACs, two stereo ADCs, and legacy analog input to analog output
mixing, to provide a fully integrated audio solution for multimedia PC systems.
SURR, LINE2, and MIC2 ports are input and output capable. LINE2 and MIC2 are headphone outputs
that do not require a capacitor to block different DC levels.
The ALC665 provides two S/PDIF outputs and supports 16/20/24-bit S/PDIF output function and a
sampling rate of up to 192kHz. It offers easy connection of PCs to high quality consumer electronic
products such as digital decoders and speakers. The ALC665 supports 4 digital microphone array input.
The ALC665 supports host/soft audio from the Intel ICH series chipset, and also from any other HDA
compatible audio controller. With EAX/Direct Sound 3D/I3DL2/A3D compatibility, and excellent
software utilities like Karaoke mode, environment emulation, software equalizer, HRTF 3D positional
audio, and optional Dolby® Digital Live, DTS® CONNECT™, and Dolby® Home Theater programs, the
ALC665 provides an excellent home entertainment package and game experience for PC users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com