Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 57 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 57 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 53Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 54Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 55Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 56Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 61Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
47
Track ID: JATR-2265-11
Rev. 1.0
Codec Response for NID=18h, 19h, 1Ah and 1Bh (Pin Widget: MIC1/MIC2/LINE1/LINE2)
Bit
Description
31:8
0’s
7
Bit-15 is 0 in ‘Get Amplifier Gain’: Read as 0 (No Input Amplifier Mute)
Bit-15 is 1 in ‘Get Amplifier Gain’: Output Amplifier Mute
0:Unmute
1:Mute (Default=1)
6:0
Bit-15 is 0 in ‘Get Amplifier Gain’: Input Amplifier Gain [6:0] specifying the boost from
0dB/10dB/20dB/30dB in 10dB per step (Default=0, 0dB)
Bit-15 is 1 in ‘Get Amplifier Gain’: Read as 0 (No Output Amplifier Gain)
Codec Response for NID=22h (Sum Widget)
Bit
Description
31:8
0’s
7
Bit-15 is 0 in ‘Get Amplifier Gain’: Input Amplifier Mute
0: Unmute
1: Mute (Default=1 for all index)
Bit-15 is 1 in ‘Get Amplifier Gain’: Read as 0 (No Output Amplifier Mute)
6:0
Bit-15 is 0 in ‘Get Amplifier Gain’: Read as 0 (No Input Amplifier Gain)
Bit-15 is 1 in ‘Get Amplifier Gain’: Read as 0 (No Output Amplifier Gain)
Codec Response for NID=23h (Sum Widget)
Bit
Description
31:8
0’s
7
Bit-15 is 0 in ‘Get Amplifier Gain’: Input Amplifier Mute
0: Unmute
1: Mute (Default=1 for all index)
Bit-15 is 1 in ‘Get Amplifier Gain’: Read as 0 (No Output Amplifier Mute)
6:0
Bit-15 is 0 in ‘Get Amplifier Gain’: Read as 0 (No Input Amplifier Gain)
Bit-15 is 1 in ‘Get Amplifier Gain’: Read as 0 (No Output Amplifier Gain)
Codec Response to Other NID
Bit
Description
31:0
Not Supported (Returns 00000000h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com