Electronic Components Datasheet Search
  English  ▼

X  

ALC665 Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part # ALC665
Description  5.1-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC665 Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button ALC665 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC665 Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
ALC665
Datasheet
5.1-Channel High Definition Audio Codec
29
Track ID: JATR-2265-11
Rev. 1.0
Codec Response Format
Bit
Description
6
ProcWidget. Processing Widget
0: No processing control
1: Processing control is supported
5
Reserved. Read as 0
4
Format Override
Note: The ALC665 supports 16/20/24-bit with 44.1kHz, 48kHz, 96kHz, and 192kHz sample rates. The
format (parameter ID=0Ah) must be queried.
3
AmpParOvr (AMP Param Override)
Override amplifier parameters (Gain Control) in individual output Pin Complexes, ADCs, and Mixer
widgets
2
OutAmpPre (Out AMP Present)
1
InAmpPre (In AMP Present)
There are amplifiers (Gain Control) in individual ADCs and Mixer widgets
0
Stereo
0: Mono Widget
1: Stereo Widget
8.1.7.
Parameter – Supported PCM Size, Rates
(Verb ID=F00h, Parameter ID=0Ah)
Parameters in audio functions provide default information about formats. Individual converters have their
own parameters to provide supported formats if their ‘Format Override’ bit is set.
Table 27. Parameter – Supported PCM Size, Rates (Verb ID=F00h, Parameter ID=0Ah)
Codec Response Format
Bit
Description
31:21
Reserved. Read as 0’s
20
B32. 32-bit audio format support
0: Not supported
1: Supported
19
B24. 24-bit audio format support
0: Not supported
1: Supported (The ALC665 DAC and ADC supports this format)
18
B20. 20-bit audio format support
0: Not supported
1: Supported (The ALC665 DAC and ADC supports this format)
17
B16. 16-bit audio format support
0: Not supported
1: Supported (The ALC665 DAC and ADC supports this format)
16
B8. 8-bit audio format support
0: Not supported
1: Supported
15:12
Reserved. Read as 0’s
11
R12. 384kHz (=8*48kHz) rate support
0: Not supported
1: Supported
10
R11. 192kHz (=4*48kHz) rate support
0: Not supported
1: Supported (The ALC665 DAC and ADC support this sample rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com