Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 9 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 9 Page - HOPE Microelectronics CO., Ltd.

Back Button T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev1.0 | Page 9/11
T06
www.hoperf.com
Copyright © By HopeRF
6. Register Interface
The T06 has 9 registers. 0xC0 through 0xC9 not including 0xC3.
ADDR
7
6
5
4
3
2
1
0
0xC0
chipid (RO)
revid (RO)
0xC1
Dspsigm
0xC2
Dspsigl
0xC3
Do not use
0xC4
meas(RO)
usestore
oneburst
stop
sleep
0xC5
arautoinc
0xC6
sw_low4temp
sw_op
0xC7
0x3
sw_hyst
0xC8
0xC9
slTimeena
0xE1
otp_addr
0xE2
otp_data
0xE3
otp_read
otp_busy
Registers 0xC0 through 0xC2 are read only registers. 0xC0 has the chip and revid information
chipid (RO) – This ID 0x1 for all T06 parts.
revid (RO) – This ID 0x4 for revision B.
0xC1 and 0xC2 store the result of a temperature conversion.
Dspsigm – Bits [6:0] are the most significant byte of the last conversion result. The most significant bit is a
“fresh” bit, indicating the register has been updated since last read. Reading the Dspsigm register causes the
register Dspsigl to be loaded with the least significant byte of the last conversion result.
Dspsigl – The least significant byte of the last conversion result. Read Dspsigm first to align the bytes. The
complete 15b unsigned result is 256*Dspsigm[6:0]+Dspsigl[7:0].
A result of 16384 means the temperature is 55°C. More negative results mean lower temperature, and more
positive results mean higher temperature.
Temperature is calculated from the formula:
T (°C) = 55+ (256*Dspsigm[6:0]+Dspsigl[7:0] -16384)/160
This result can go from -47.4 to +157.39 °C. The recommended operating temperatures is -40°C to +125°C; so,
the result should never be out of range, but if operated beyond the ratings of the part, the result will clamp at
-47.4 to +157.39 °C (i.e., no underflow or over- flow).
Oneburst – Setting this bit initiates a single conversion. Set stop = 0 when setting oneburst = 1. The stop bit
will be set to 1 when the conversion completes.
Stop - Setting this bit causes the control state machine measurement loop to pause after the current
measurement burst completes. Once set, clearing this bit restarts the measurement loop.
Sleep - Setting this bit causes the part to enter sleep mode after the current measurement burst completes.
Once set, clearing this bit restarts the measurement loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com