Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  T06 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev1.0 | Page 5/11
T06
www.hoperf.com
Copyright © By HopeRF
Table 2.5.
Temperature Measurement Accuracy
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Temperature Measurement
Accuracy
—
0°C to + 70°C
±0.3
±1.0
°C
-40°C to + 125°C
±0.6
±2.0
°C
Temperature Measurement
Repeatability
—
RMS Noise
±0.05
°C RMS
Table 2.6.
Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Junction to Air Thermal
Resistance
θ
JA
JEDEC 4 layer board no airflow
SOT23-5
212.8
°C/W
Junction to Board
Thermal Resistance
θJB
JEDEC 4 layer board no airflow
SOT23-5
45
°C/W
Table 2.7.
Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Ambient Temperature Under
Bias
—
-55
125
°C
Storage Temperature
-65
150
°C
Voltage on I/O Pins
VIO
-0.3
VDD+0.3
V
Voltage on VDD with
respect to Ground
VDD
-0.3
6
V
ESD Tolerance
VHBM
Human Body Model
2
kV
VCDM
Charge Discharge Model
500
V
Note: Absolute maximum ratings are stress ratings only. Operation at or beyond these conditions is not implied
and may shorten the life of the device, and/or alter its performance.
Figure 2. I2C Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com