Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

Back Button T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev1.0 | Page 8/11
T06
www.hoperf.com
Copyright © By HopeRF
5.1 Operation at Very Slow I2C Bus Speeds
If the T06 is put to sleep with the sleep timer enabled, there will be one measurement done prior to sleep
with the settings as configured in the wake period (i.e., operate and release points). This measurement
starts at the falling edge of SCL prior to the ACK of the write that puts the part to sleep (i.e., writing 0x80 to
register 0xC4). When the measurement concludes, the output pin will be set high or low depending on the
measurement results, and the part will enter the sleep timer state.
In the sleep timer state, SDA will hold state until the next wake (either by host or due to the sleep timer,
which is typically 200 ms).Thus, it is important that the ACK concludes prior to entering the sleep state, or
SDA will hold low until the next wake. SDA is released at the falling edge of SCL, at the completion of the
ACK time. This takes 140 μs, and, therefore, the I2C clock speed must be fast enough that the time from
SCL falling prior to ACK to SCL falling after AC
K must be less than 140 μs. Depending on the host timing
for this portion of the I2C sequence, this corresponds to an I2C speed of greater than 7 KHz.
For very low I2C speeds, < 7KHz where this could be an issue, if the sleep timer function is not needed,
write the sleep bit of register 0xC4 to put the part to sleep. If the sleep timer is not running, there is no
measurement prior to sleep. SDA is released at the completion of the ACK, and the part will enter the
sleep state without the sleep timer running.
5.2 Measuring Temperature over I2C
The actual temperature of the device can be calculated by reading the Dspsigm and Dspsigl registers over I2C,
which correspond to the most significant and least significant bytes of the temperature measurements
respectively. The complete 15b unsigned result is 256
*Dspsigm[6:0]+Dspsigl[7:0].
A result of 16384 means the temperature is 55°C. More negative results mean lower temperature, and more
positive results mean higher temperature. Temperature is calculated from the formula:
T (°C) = 55+ (256*Dspsigm[6:0]+Dspsigl[7:0] -16384)/160
Read the register interface section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com