Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  T06 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev1.0 | Page 1/11
T06
www.hoperf.com
Copyright © By HopeRF
RFM210LB-S1 OOK 无线接收模块
Features
• Better than ± 1 °C accuracy
• Better than ± 0.1 °C repeatability
• Wide operating voltage: 1.7 to 5.5 V
• Low power consumption: 500 nA
• Ultra-low power sleep mode: 50 nA
• I2C interface
• Configurable alert output
• 4 factory configurable I2C addresses
• Package Options: SOT23-5
• Conversion speed:
143 μs typical
Applications
• HVAC/R
• Thermostats
• White Goods
• Computer Equipment
• Industrial Controls
• Battery Protection
• Asset Tracking
Descriptions
The T06 family of I2C temperature sensors features
high conversion speed (143 μs typical),
programmable over or under temperature interrupt, and interrupt polarity with 200 ms (typical)
sampling time.
The output works as a comparator, that is, the output pin will go high or low with each new
temperature sample. The output is setup to be open drain to support wire-OR with multiple sensors or
components.
The operation of the T06 is similar to industry standard parts, but offers lower power and in many
cases higher accuracy. It is also capable of operating in autonomous sampling mode.
T06 DataSheet
High Conversion Speed Temperature Sensor
Ordering Guide
Part
I2C Address
T06-B-00
0x30
T06-B-01
0x31
T06-B-02
0x32
T06-B-03
0x33


Similar Part No. - T06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
T06 PHILIPS-T06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
Inchange Semiconductor ...
T06 ISC-T06 Datasheet
170Kb / 3P
isc Silicon NPN Power Transistor
logo
FCI connector
T06-0070 FCI-CONNECTOR-T06-0070 Datasheet
453Kb / 5P
PLCC SMT Socket
logo
List of Unclassifed Man...
T060 ETC1-T060 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
logo
E-SWITCH
T060000 E-SWITCH-T060000 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA6000 ETC2-HPTA6000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA25000 ETC2-HPTA25000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA40000 ETC2-HPTA40000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
Temperature Detection Rotational Speed Sensor
Nov-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com