Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 3 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 3 Page - HOPE Microelectronics CO., Ltd.

  T06 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev1.0 | Page 3/11
T06
www.hoperf.com
Copyright © By HopeRF
3. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions
Table 2.1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Power Supply
VDD
—
1.71
—
5.5
V
Temperature
TA
—
-40
—
125
°C
Table 2.2.
General Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Operating Supply Voltage
on VDD
VDD
—
1.71
—
5.5
V
Operating Ambient
Temperature
TA
—
-40
—
125
°C
Input Voltage Range
VIN
0
VDD
V
Input Leakage
IIL
<0.1
1
µs
Output Voltage Low
VOL
SCL, SDA IOL = 3mA
VDD> 2 V
0.4
V
SCL, SDA IOL = 2mA
VDD> 1.7 V
0.2
V
SCL, SDA IOL = 6mA
VDD> 2 V
0.6
V
Current consumption
IDD
Sleep timer enabled aver-
age IDD at VDD= 3.3V for
sample rate = 200ms
0.5
1.5
µA
Sleep mode (typ. 25°C)
50
nA
Sleep mode 125°C
1000
nA
Conversion in progress /
Active Mode
VDD = 3.3V
VDD = 5.5V
-
600
700
-
800
1000
µA
Conversion Time
TCONV
143
160
µs
Sleep Time
TSLEEP
160
200
240
µs
Wake Up Time
TWAKE
Time from VDD> 1.7V to
first measurement
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com