Electronic Components Datasheet Search
  English  ▼

X  

T06 Datasheet(PDF) 6 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 6 Page - HOPE Microelectronics CO., Ltd.

Back Button T06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev1.0 | Page 6/11
T06
www.hoperf.com
Copyright © By HopeRF
4. Functional Description
The T06 family of I2C temperature sensors measure and digitize the local temperature at the device. 4 modes
of operation are possible:
Sleep Mode
This ultra-low power mode of operation is useful when temperature measurements are made infrequently and
the lowest possible power is desired. In this mode, the part will remain in sleep mode until it receives a
command over I2C to wake up and make a measurement. After this measurement, the part will go back to
sleep.
The sleep bit is the ‘master’ bit. Once this bit is set, the sensor enters its sleep mode regardless of the other
register configurations. Once the part is woken up by I2C, all registers are loaded to their default value, except
for 0xC6 and 0xC7, which can be saved by the usestore bit.
How to Configure:
sleep = 1
stop = X
sltimeena = X
Autonomous Sampling Mode
In this mode of operation, the device will make measurements at a factory set rate of 5 Hz (every 200 ms). By
default the part enters the Autonomous Sampling Mode upon power-up. The sensor wakes up, performs a
temperature conversion, updates the output accordingly, and then goes back to sleep.
How to Configure:
sleep = 0
stop = 0
sltimeena = 1 (default state after wake-up)
Active Mode
In this mode of operation, measurements can be commanded, and the numerical value of the temperature can
be read.
How to Configure:
sleep = 0
stop = 0
sltimeena = X
oneburst = 1
The stop bit will be set to 1 once the measurement is complete.
Table 4.1.
Summary of Different States
Mode
Sleep
Stop
Sltimeena
Sleep
1
x
x
Autonomous
0
0
1
The output pin is designed to be an open drain output, which allows you to connect multiple devices in parallel
to trigger an alert. The output is driven low once the temperature crosses the operate point, and released once
it goes below the release point. The temperature operate and release points are factory set to 80 °C and 75 °C
but these values can be adjusted by setting the bit usestore to 1 and adjusting the data in registers 0xC6 and
0xC7 as will be described later. It is possible to adjust the output pin polarity so it goes high or low as
temperature increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com