Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 17Page - Texas Instruments ISO1432 Datasheet HTML 18Page - Texas Instruments ISO1432 Datasheet HTML 19Page - Texas Instruments ISO1432 Datasheet HTML 20Page - Texas Instruments ISO1432 Datasheet HTML 21Page - Texas Instruments ISO1432 Datasheet HTML 22Page - Texas Instruments ISO1432 Datasheet HTML 23Page - Texas Instruments ISO1432 Datasheet HTML 24Page - Texas Instruments ISO1432 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Data Rate (Mbps)
2
3
4
5
6
7
8
9
10
11
12
200
250
300
350
400
450
500
550
600
d007
Data Rate (Mbps)
0
5
10
15
20
25
30
35
40
45
50
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
d014
21
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
www.ti.com
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
For PWD
≤±5%
Figure 27. ISO143x Receiver VID vs Signaling Rate
For PWD
≤±5%
Figure 28. ISO145x Receiver VID vs Signaling Rate
VCC1 = 3.3 V
VCC2 = 5 V
TA = 25° C
DE = VCC1
Figure 29. ISO141x Driver Propagation Delay
VCC1 = 3.3 V
VCC2 = 5 V
TA = 25° C
DE = VCC1
Figure 30. ISO143x Driver Propagation Delay
VCC1 = 3.3 V
VCC2 = 5 V
TA = 25° C
DE = VCC1
Figure 31. ISO145x Driver Propagation Delay
VCC1 = 3.3 V
VCC2 = 5 V
TA = 25° C
DE = GND1
RE = GND1
Figure 32. ISO141x Receiver Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com