Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 4Page - Texas Instruments ISO1432 Datasheet HTML 5Page - Texas Instruments ISO1432 Datasheet HTML 6Page - Texas Instruments ISO1432 Datasheet HTML 7Page - Texas Instruments ISO1432 Datasheet HTML 8Page - Texas Instruments ISO1432 Datasheet HTML 9Page - Texas Instruments ISO1432 Datasheet HTML 10Page - Texas Instruments ISO1432 Datasheet HTML 11Page - Texas Instruments ISO1432 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.4 Thermal Information
THERMAL METRIC(1)
ISO14xx
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
67.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.7
°C/W
RθJB
Junction-to-board thermal resistance
29.4
°C/W
ψJT
Junction-to-top characterization parameter
12.9
°C/W
ψJB
Junction-to-board characterization parameter
28.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
8.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO1410_ISO1412
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54
Ω ||50pF, Load on R=15pF
Input a 250 kHz 50% duty cycle square
wave to D pin with
VDE=VCC1, VRE=GND1
556
mW
PD1
Maximum power dissipation (side-1)
28
mW
PD2
Maximum power dissipation (side-2)
528
mW
ISO1430_ISO1432
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54
Ω ||50pF, Load on R=15pF
Input a 6 MHz 50% duty cycle square
wave to D pin with
VDE=VCC1, VRE=GND1
352
mW
PD1
Maximum power dissipation (side-1)
33
mW
PD2
Maximum power dissipation (side-2)
319
mW
ISO1450_ISO1452
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54
Ω ||50pF, Load on R=15pF
Input a 25 MHz 50% duty cycle square
wave to D pin with
VDE=VCC1, VRE=GND1
588
mW
PD1
Maximum power dissipation (side-1)
49
mW
PD2
Maximum power dissipation (side-2)
539
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com