Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 9Page - Texas Instruments ISO1432 Datasheet HTML 10Page - Texas Instruments ISO1432 Datasheet HTML 11Page - Texas Instruments ISO1432 Datasheet HTML 12Page - Texas Instruments ISO1432 Datasheet HTML 13Page - Texas Instruments ISO1432 Datasheet HTML 14Page - Texas Instruments ISO1432 Datasheet HTML 15Page - Texas Instruments ISO1432 Datasheet HTML 16Page - Texas Instruments ISO1432 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
www.ti.com
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
CL(R) is the load capacitance on the R pin.
8.11 Supply Current Characteristics: Side 1 (ICC1)
Bus loaded or unloaded (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER ENABLED, RECEIVER DISABLED
Logic-side
supply current
VD = VCC1, VCC1 = 5 V ± 10%
2.6
4.4
mA
Logic-side
supply current
VD = VCC1, VCC1 = 3.3 V ± 10%
2.6
4.4
mA
Logic-side
supply current
ISO141x, D = 500-kbps square wave with 50% duty cycle, VCC1 = 5 V ± 10%
3.2
5.1
mA
Logic-side
supply current
ISO141x, D = 500-kbps square wave with 50% duty cycle, VCC1 = 3.3 V ± 10%
3.2
5.1
mA
Logic-side
supply current
ISO143x, D = 12-Mbps square wave with 50% duty cycle, VCC1 = 5 V ± 10%
3.2
5.1
mA
Logic-side
supply current
ISO143x, D = 12-Mbps square wave with 50% duty cycle, VCC1 = 3.3 V ± 10%
3.2
5.1
mA
Logic-side
supply current
ISO145x, D = 50-Mbps square wave with 50% duty cycle, VCC1 = 5 V ± 10%
3.6
5.3
mA
Logic-side
supply current
ISO145x, D = 50-Mbps square wave with 50% duty cycle, VCC1 = 3.3 V ± 10%
3.4
5.2
mA
DRIVER ENABLED, RECEIVER ENABLED
Logic-side
supply current
VRE = VGND1, loopback if full-duplex device, VD = VCC1, VCC1 = 5 V ± 10%
2.6
4.4
mA
Logic-side
supply current
VRE = VGND1, loopback if full-duplex device, VD = VCC1, VCC1 = 3.3 V ± 10%
2.6
4.4
mA
Logic-side
supply current
ISO141x, VRE = VGND1, loopback if full-duplex device, D = 500-kbps square wave with 50% duty cycle,
VCC1 = 5 V ± 10%, CL(R)
(1) = 15 pF
3.3
5.1
mA
Logic-side
supply current
ISO141x, VRE = VGND1, loopback if full-duplex device, D = 500-kbps square wave with 50% duty cycle,
VCC1 = 3.3 V ± 10%, CL(R)
(1) = 15 pF
3.2
5.1
mA
Logic-side
supply current
ISO143x, VRE = VGND1, loopback if full-duplex device, D = 12-Mbps square wave with 50% duty cycle,
VCC1 = 5 V ± 10%, CL(R)
(1) = 15 pF
4.1
6
mA
Logic-side
supply current
ISO143x, VRE = VGND1, loopback if full-duplex device, D= 12-Mbps square wave with 50% duty cycle,
VCC1 = 3.3 V ± 10%, CL(R)
(1) = 15 pF
3.8
5.7
mA
Logic-side
supply current
ISO145x, VRE = VGND1, loopback if full-duplex device, D = 50-Mbps square wave with 50% duty cycle,
VCC1 = 5 V ± 10%, CL(R)
(1) = 15 pF
6.3
8.9
mA
Logic-side
supply current
ISO145x, VRE = VGND1, loopback if full-duplex device, D= 50-Mbps square wave with 50% duty cycle,
VCC1 = 3.3 V ± 10%, CL(R)
(1) = 15 pF
5.3
7.8
mA
DRIVER DISABLED, RECEIVER ENABLED
Logic-side
supply current
V(A-B) ≥ 200 mV, VD = VCC1, VCC1 = 5 V ± 10%
1.6
3.1
mA
Logic-side
supply current
V(A-B) ≥ 200 mV, VD = VCC1, VCC1 = 3.3 V ± 10%
1.6
3.1
mA
Logic-side
supply current
ISO141x, (A-B) = 500-kbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 5 V ± 10%, CL(R)
(1) =
15 pF
1.7
3.1
mA
Logic-side
supply current
ISO141x, (A-B) = 500-kbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 3.3 V ± 10%, CL(R)
(1)
= 15 pF
1.6
3.1
mA
Logic-side
supply current
ISO143x, (A-B) = 12-Mbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 5 V ± 10%, CL(R)
(1) =
15 pF
2.6
4
mA
Logic-side
supply current
ISO143x, (A-B) = 12-Mbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 3.3 V ± 10%, CL(R)
(1)
= 15 pF
2.2
3.7
mA
Logic-side
supply current
ISO145x, (A-B) = 50-Mbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 5 V ± 10%, CL(R)
(1) =
15 pF
4.7
6.7
mA
Logic-side
supply current
ISO145x, (A-B) = 50-Mbps square wave with 50% duty cycle, VD = VCC1, VCC1 = 3.3 V ± 10%, CL(R)
(1)
= 15 pF
3.7
5.7
mA
DRIVER DISABLED, RECEIVER DISABLED
Logic-side
supply current
VDE = VGND1, VD = VCC1, VCC1 = 5 V ± 10%
1.6
3.1
mA
Logic-side
supply current
VDE = VGND1, VD = VCC1, VCC1 = 3.3 V ± 10%
1.6
3.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com