Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 24Page - Texas Instruments ISO1432 Datasheet HTML 25Page - Texas Instruments ISO1432 Datasheet HTML 26Page - Texas Instruments ISO1432 Datasheet HTML 27Page - Texas Instruments ISO1432 Datasheet HTML 28Page - Texas Instruments ISO1432 Datasheet HTML 29Page - Texas Instruments ISO1432 Datasheet HTML 30Page - Texas Instruments ISO1432 Datasheet HTML 31Page - Texas Instruments ISO1432 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
28
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
(1)
PU = Powered Up; PD = Powered Down; H = High Level; L = Low level; X = Irrelevant, Hi-Z = High impedance state
(2)
The driver outputs are Y and Z for a full-duplex device. The driver outputs are A and B for a half-duplex device.
(3)
A strongly driven input signal can weakly power the floating VCC1 through an internal protection diode and cause an undetermined
output.
Bus short circuit for an extended duration and/or beyond voltage levels specified in recommended operating
condition should be avoided. Repeated or prolonged exposure to bus shorts can result in high junction
temperatures and affect device reliability.
10.3.4 Glitch-Free Power Up and Power Down
Communication on the bus that already exist between a master node and slave node in an RS485 network must
not be disturbed when a new node is swapped in or out of the network. No glitches on the bus occur when the
device is:
•
Hot plugged into the network in an unpowered state
•
Hot plugged into the network in a powered state and disabled state
•
Powered up or powered down in a disabled state when already connected to the bus
The ISO14xx devices do not cause any false data toggling on the bus when powered up or powered down in a
disabled state with supply ramp rates from 100 µs to 10 ms.
10.4 Device Functional Modes
Table 2 shows the driver functional modes.
Table 2. Driver Functional table(1)
VCC1
VCC2
INPUT D
DRIVER ENABLE
DE
OUTPUTS(2)
Y, A
Z, B
PU
PU
H
H
H
L
L
H
L
H
X
L
Hi-Z
Hi-Z
X
Open
Hi-Z
Hi-Z
Open
H
H
L
PD(3)
PU
X
X
Hi-Z
Hi-Z
X
PD
X
X
Hi-Z
Hi-Z
(1)
PU = Powered Up; PD = Powered Down; H = Logic High; L= Logic Low; X = Irrelevant, Hi-Z = High Impedance (OFF) state
The description that follows is specific to half-duplex device but the same logic applies to full-duplex device with
the outputs being Y and Z.
When the driver enable pin, DE, is logic high, the differential outputs, A and B, follow the logic states at data
input, D. A logic high at the D input causes the A output to go high and the B output to go low. Therefore the
differential output voltage defined by Equation 1 is positive.
VOD = VA – VB
(1)
A logic low at the D input causes the B output to go high and the A output to go low. Therefore the differential
output voltage defined by Equation 1 is negative. A logic low at the DE input causes both outputs to go to the
high-impedance (Hi-Z) state. The logic state at the D pin is irrelevant when the DE input is logic low. The DE pin
has an internal pulldown resistor to ground. The driver is disabled (bus outputs are in the Hi-Z) by default when
the DE pin is left open. The D pin has an internal pullup resistor. The A output goes high and the B output goes
low when the D pin is left open while the driver enabled.
Table 3 shows the receiver functional modes.
Table 3. Receiver Functional Table(1)
VCC1
VCC2
DIFFERENTIAL INPUT
RECEIVER ENABLE RE
OUTPUT R
VID = VA – VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com