Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 8Page - Texas Instruments ISO1432 Datasheet HTML 9Page - Texas Instruments ISO1432 Datasheet HTML 10Page - Texas Instruments ISO1432 Datasheet HTML 11Page - Texas Instruments ISO1432 Datasheet HTML 12Page - Texas Instruments ISO1432 Datasheet HTML 13Page - Texas Instruments ISO1432 Datasheet HTML 14Page - Texas Instruments ISO1432 Datasheet HTML 15Page - Texas Instruments ISO1432 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
12
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics: Receiver (continued)
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output low voltage on the R pin
VCC1=5V ± 10%, IOL = 4 mA, VID = –200 mV
0.4
V
VCC1=3.3V ± 10%, IOL = 2 mA, VID = –200 mV
0.3
V
VCC1=2.5V ± 10%, 1.8V ± 5%, IOL = 1 mA, VID =
–200 mV
0.2
V
IOZ
Output high-impedance current on
the R pin
VR = 0 V or VR = VCC1, VRE = VCC1
–1
1
µA
Ii
Input current on the RE pin
VRE = 0 V or VRE = VCC1
–10
10
µA
CMTI
Common-mode transient immunity
VCC1=2.25 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO141x, See Figure 38
85
100
kV/µs
CMTI
Common-mode transient immunity
VCC1=1.71 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO143x, See Figure 38
85
100
kV/µs
CMTI
Common-mode transient immunity
VCC1=2.25 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO145x, See Figure 38
85
100
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com