Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1432
Description  5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1432 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 28Page - Texas Instruments ISO1432 Datasheet HTML 29Page - Texas Instruments ISO1432 Datasheet HTML 30Page - Texas Instruments ISO1432 Datasheet HTML 31Page - Texas Instruments ISO1432 Datasheet HTML 32Page - Texas Instruments ISO1432 Datasheet HTML 33Page - Texas Instruments ISO1432 Datasheet HTML 34Page - Texas Instruments ISO1432 Datasheet HTML 35Page - Texas Instruments ISO1432 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Data Rate (bps)
10000
1000
100
10
100
1k
10 k
100 k
1M
10 M
100 M
Conservative
Characteristics
5%, 10%, and 20% Jitter
32
ISO1430, ISO1432, ISO1450, ISO1452
ISO1410, ISO1412
SLLSF22C – APRIL 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: ISO1430 ISO1432 ISO1450 ISO1452 ISO1410 ISO1412
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Application (continued)
11.2.2 Detailed Design Procedure
The RS-485 bus is a robust electrical interface suitable for long-distance communications. The RS-485 interface
can be used in a wide range of applications with varying requirements of distance of communication, data rate,
and number of nodes.
11.2.2.1 Data Rate and Bus Length
The RS-485 standard has typical curves similar to those shown in Figure 53. These curves show the inverse
relationship between signaling rate and cable length. If the data rate of the payload between two nodes is lower,
the cable length between the nodes can be longer.
Figure 53. Cable Length vs Data Rate Characteristics
Use Figure 53 as a guideline for cable selection, data rate, cable length and subsequent jitter budgeting.
11.2.2.2 Stub Length
In an RS-485 network, the distance between the transceiver inputs and the cable trunk is known as the stub. The
stub should be as short as possible when a node is connected to the bus. Stubs are a non-terminated piece of
bus line that can introduce reflections of varying phase as the length of the stub increases. The electrical length,
or round-trip delay, of a stub should be less than one-tenth of the rise time of the driver as a general guideline.
Therefore, the maximum physical stub length (L(STUB)) is calculated as shown in Equation 3.
L(STUB) ≤ 0.1 × tr × v × c
where
•
tr is the 10/90 rise time of the driver.
•
c is the speed of light (3 × 10
8 m/s).
•
v is the signal velocity of the cable or trace as a factor of c.
(3)
11.2.2.3 Bus Loading
The current supplied by the driver must supply into a load because the output of the driver depends on this
current. Add transceivers to the bus to increase the total bus loading. The RS-485 standard specifies a
hypothetical term of a unit load (UL) to estimate the maximum number of possible bus loads. The UL represents
a load impedance of approximately 12 kΩ. Standard-compliant drivers must be able to drive 32 of these ULs.
The ISO14xx devices have 1/8 UL impedance transceiver and can connect up to 256 nodes to the bus.
11.2.3 Application Curves
Below eye diagram of ISO145x device indicates low jitter and wide open eye at maximum data rate of 50 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com