Electronic Components Datasheet Search
  English  ▼

X  

TP1000 Datasheet(PDF) 10 Page - Billiton Ltd.

Part # TP1000
Description  Constant flow source feedback controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1000 Datasheet(HTML) 10 Page - Billiton Ltd.

Back Button TP1000 Datasheet HTML 4Page - Billiton Ltd. TP1000 Datasheet HTML 5Page - Billiton Ltd. TP1000 Datasheet HTML 6Page - Billiton Ltd. TP1000 Datasheet HTML 7Page - Billiton Ltd. TP1000 Datasheet HTML 8Page - Billiton Ltd. TP1000 Datasheet HTML 9Page - Billiton Ltd. TP1000 Datasheet HTML 10Page - Billiton Ltd. TP1000 Datasheet HTML 11Page - Billiton Ltd. TP1000 Datasheet HTML 12Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.2
元器件清单:
器件名称
规格
器件名称
规格
D1
Diode,Fast,FR107,1A/1000V
C1,C2
E-Cap,4.7uF/400V
D2
Diode,Fast,FR107,1A/1000V
C3
E-Cap,4.7uF/25V
D3
Diode,Schottky,SR160,1A/60V
C4
Capacitor,Ceramic,1nF/1KV
D4-D7
Diode, Rectifier,1N4007
C5
E-Cap,470uF/16V,Low ESR
R1
Resistor,2M,1/4W,
5%
C6
Capacitor,Ceramic,222pF/100V
R2
Resistor,270K,1/2W,
5%
L1
Inductor, Color Ring,1.0mH
R3
Resistor,20K,1/4W,
1%
U1
IC,TP1000D
R4
Resistor,2K,1/4W,
1%
Q1
NPN,13003,TO-92
R5
Resistor,47R,1/4W,
5%
T
Transformer EE16, LM=2.0mH
Np:Ns:NAUX=125T:13T:30T
R6
Resistor,1.5K,1/4W,
5%
R7
Resistor,30R,1/4W,
5%
Rcs
Resistor,3R,1/2W,
1%
负载特性曲线(Vin=220Vac):
0
1
2
3
4
5
6
0
100
200
300
400
500
600
Vout-Iout
Iout(mA)
测试总结:
项目
符号
最小
典型
最大
单位
输入电压
in
V
85
265
Vac
空载功耗
out
P
0.15
W
输出电压
out
V
5.06
V
输出纹波
PP
V
0.15
V
平均效率
25%,50%,75%和满载
66
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com