Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6131 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
Typical Application Circuit
FP6131
VIN
VOUT
GND
VIN
VOUT
CIN
1µF
COUT
1µF
Figure 2. Typical Application Circuit of FP6131
Note 2:To prevent oscillation, it is recommended to use minimum 1µF X7R or X5R dielectric capacitors if ceramics are
used as input/output capacitors.
Functional Pin Description
Pin Name
Pin Function
VIN
Power is supplied to this device from this pin which requires an input filter capacitor.
In general, the input
capacitor in the range of 1µF to 10µF is sufficient.
VOUT
The output supplies power to loads.
The output capacitor is required to prevent output voltage unstable.
The
FP6131 is stable with an output capacitor which is 1µF or greater.
The larger output capacitor will be required
for application with large transit load to limit peak voltage transits.
Besides, it could reduce output noise,
improve stability and PSRR.
GND
Common ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com