Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6131 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=VOUT+1V or VIN=2.8V whichever is greater, CIN=1µF, COUT=1µF, TA=25ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
V
OUT
IO= 1mA
-2
+2
%
Current Limit
ILIMIT
RLoad=1Ω
600
mA
Quiescent Current
IQ
IO= 0mA
30
50
µA
Dropout Voltage (Note 4)
VDROP
IO=600mA
VOUT =1.5V
1550
1690
mV
VOUT =1.8V
1300
1420
VOUT =2.5V
800
900
VOUT =3.0V
650
730
VOUT =3.3V
600
670
Line Regulation
V
LINE
IO=1mA, VIN=VOUT +1V to 5V
1
5
mV
Load Regulation (Note 5)
V
LOAD
IO=0mA to 600mA
13
50
mV
Ripple Rejection (Note 6)
PSRR
VIN=VOUT+1V
fRIPPLE = 120Hz, COUT = 1µF
60
dB
Temperature Coefficient (Note 6)
T.C.
IOUT = 1mA, VIN = 5V
50
ppm/ºC
Thermal Shutdown Temperature
(Note 6)
TSD
160
ºC
T
SD
Hysteresis
25
ºC
Note 4:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drops 2% of its normal value with the
specified output current.
Note 5:Load regulation and dropout voltage are measured at a constant junction temperature by using a 40ms low duty
cycle current pulse.
Note 6:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com