Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6131 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Quiescent Current vs. Input Voltage
Figure 6. Current limit vs. Input Voltage
Figure 7. Current Limit vs. Input Voltage
Figure 8. Current limit vs. Temperature
Figure 9. Current limit vs. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
30
35
40
45
50
Vout=1.8V
Cin=1uF
Cout=1uF
Input Voltage(V)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
30
35
40
45
50
Vout=3.3V
Cin=1uF
Cout=1uF
Input Voltage(V)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
850
800
750
700
650
Vout=1.8V
Cin=1uF
Cout=1uF
Input Voltage(V)
3.5
4.0
4.5
5.0
5.5
6.0
650
700
750
800
850
Vout=3.3V
Cin=1uF
Cout=1uF
Input Voltage(V)
-25
0
25
50
75
100
125
650
700
750
800
850
Vin=5V
Vout=1.8V
Cin=1uF
Cout=1uF
Temperature(
0C)
-25
0
25
50
75
100
125
650
700
750
800
850
Vin=5V
Vout=3.3V
Cin=1uF
Cout=1uF
Temperature(
0C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com