Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6131 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
Block Diagram
Error
Amp
Current
Limit
Thermal
Shutdown
_
+
Vref 1.2V
VIN
VOUT
GND
RSEN
PMOS
R1
R2
Figure 3. Block Diagram of FP6131
Absolute Maximum Ratings
● Supply Input Voltage (V
IN) -------------------------------------------------------------------------------------- +6V
● Power Dissipation @25ºC, (P
D)
SOT-23 -------------------------------------------------------------------------------------------- +0.4W
SOT-89 -------------------------------------------------------------------------------------------- +0.57W
● Package Thermal Resistance, (θ
JA)
SOT-23 -------------------------------------------------------------------------------------------- +250ºC/W
SOT-89 -------------------------------------------------------------------------------------------- +175ºC/W
● Maximum Junction Temperature (T
J) ------------------------------------------------------------------------ +150ºC
● Storage Temperature Range (T
S) ---------------------------------------------------------------------------- -65ºC to +150ºC
● Lead Temperature (Soldering, 10 sec.) (T
LEAD) ----------------------------------------------------------- +260ºC
Note 3:Stresses beyond those listed under
“Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (V
IN) ------------------------------------------------------------------------------------------------ +2.8V to +5.5V
● Operating Temperature Range (T
OPR) ----------------------------------------------------------------------- -40ºC to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com