Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
Outline Information (Continued)
SOT-89-3 Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
1.40
1.60
L
0.89
1.20
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.35
1.83
H
3.94
4.25
E
2.29
2.60
e
1.45
1.55
e1
2.90
3.10
Note:Followed From JEDEC TO-243-C.
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com