Electronic Components Datasheet Search
  English  ▼

X  

FP6131 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6131
Description  600mA Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6131 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6131 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6131 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FP6131-1.8-FEB-2012
FP6131
fitipower integrated technology lnc.
600mA Low Dropout
Linear Regulator
Pin Assignments
GS3 Package (SOT-23)
1
2
3
GND
VOUT
VIN
GB3 Package (SOT-89)
2
1
3
GND VIN
(TAB)
VOUT
VB3 Package (SOT-89)
2
1
3
VOUT GND
(TAB)
VIN
Figure 1. Pin Assignment of FP6131
Ordering Information
Note 1:Please consult Fitipower sales office or authorized
distributors for availability of special output voltages.
SOT-23-3 Marking
Part Number
Product
Code
Part Number
Product
Code
FP6131-15GS3G
N1=
FP6131-28GS3G
Be=
FP6131-18GS3P
Ba
FP6131-30GS3P
Bf
FP6131-18GS3G
Ba=
FP6131-30GS3G
Bf=
FP6131-25GS3P
Bb
FP6131-33GS3P
Bh
FP6131-25GS3G
Bb=
FP6131-33GS3G
Bh =
FP6131-27GS3P
Bd
FP6131-36GS3P
Bi
FP6131-27GS3G
Bd=
FP6131-36GS3G
Bi=
FP6131-28GS3P
Be
Description
The FP6131 series are low dropout, positive linear
regulators with very low quiescent current.
The
FP6131 can supply 600mA output current with a low
dropout voltage at about 600mV.
The FP6131 regulator is able to operate with output
capacitors as small as 1µF for stability.
The
FP6131 also offers on chip thermal shutdown feature
to provide protection against overload or any
condition when the ambient temperature exceeds
the junction temperature.
The FP6131 series are available in fixed output
voltage ranging from 1.2V to 4.5V with 0.1V interval.
The FP6131 series are available in low-profile,
space-saving 3-lead SOT-23 and SOT-89 packages.
Features
● Low Dropout Voltage of 600mV at 600mA
● Guaranteed 600mA Output Current
● Very Low Quiescent Current at about 30μA
●
2% Output Voltage Accuracy for 1.2~4.5V
● Needs Only 1µF Capacitor for Stability
● Thermal Shutdown Protection
● Current Limit Protection
● Low-ESR Ceramic Capacitor for Output Stability.
● Tiny SOT-23 and SOT-89 packages
● RoHS Compliant
Applications
● DVD/CD-ROM, CD/RW
● Wireless Device
● LCD Module
● Battery Power System
● Card Reader
● XDSL Router
P: Green
G: Green
TR: Tape/Reel
Output Voltage
15: 1.5V
28: 2.8V
18: 1.8V
30: 3.0V
25: 2.5V
33: 3.3V
27: 2.7V
36: 3.6V
FP6131-
□□□□
Package Type
GS3: SOT-23
GB3: SOT-89
VB3: SOT-89


Similar Part No. - FP6131

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6131 APITECH-FP6131 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
FP6131PM APITECH-FP6131PM Datasheet
48Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6131

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com