Electronic Components Datasheet Search
  English  ▼

X  

SC6803 Datasheet(PDF) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803
Description  LED driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803 Datasheet(HTML) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6803 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6803(文件编号:S&CIC0807)
LED 驱动 IC
第 13 页 共 14 页
DIMENSIONS(incg dimensions are derived from the original mm dimensions)
UNIT
Amax
A1
A2
A3
bp
C
D
(1)
E
(1)
e
0
mm
1.75
0.25
1.45
0.25
0.49
0.25
10.0
4.0
1.27
8
0
0
0
0.10
1.25
0.36
0.19
9.8
3.8
inghe
s
0.069
0.010
0.057
0.01
0.019
0.0100
0.39
0.16
0.050
0.004
0.049
0.014
0.0075
0.38
0.15
UNIT
Amax
HE
L
LP
O
V
W
y
Z
(1)
mm
1.75
6.2
1.05
1.0
0.7
0.25
0.25
0.1
0.7
5.8
0.4
0.6
0.3
inghe
s
0.069
0.244
0.041
0.039
0.029
0.01
0.01
0.004
0.028
0.228
0.016
0.020
0.012
Note
1、 Plastic or metal protrusions of 0 15 mm maximum per side are notimcluded
OUTLINE
VERSION
REDEREBCES
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT109-1
076E07S
MS-012A
C
95-01-23
97-05-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com