Electronic Components Datasheet Search
  English  ▼

X  

628F Datasheet(PDF) 5 Page - MKS Instruments.

Part # 628F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 5 Page - MKS Instruments.

  628F Datasheet HTML 1Page - MKS Instruments. 628F Datasheet HTML 2Page - MKS Instruments. 628F Datasheet HTML 3Page - MKS Instruments. 628F Datasheet HTML 4Page - MKS Instruments. 628F Datasheet HTML 5Page - MKS Instruments. 628F Datasheet HTML 6Page - MKS Instruments. 628F Datasheet HTML 7Page - MKS Instruments. 628F Datasheet HTML 8Page - MKS Instruments. 628F Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Capacitance Manometers
631D Heated (150°C or 200°C) Absolute
Baratron® Capacitance Manometer
The 631D is a heated capacitance manometer, operating
at either 150°C or 200°C. It was specifically designed for
the most difficult semiconductor and biopharmaceutical
applications known today, such as nitride CVD and DI-steam
sterilization. It is completely self-contained, requiring only
±15VDC input power and providing a 0-10VDC analog output
signal that is linear with pressure. It is about 40% smaller in
its physical size and draws 40% less electrical power than
earlier products, making it an ideal choice to upgrade existing
systems with 100°C or higher temperature capacitance
manometers. In standard form, it includes LED indicators for
“At Temperature” and “Heater Failure”. The product is also
offers the option of two (2) internally-mounted, independently-
adjustable electromechanical trip relays that can be set to
open or close at any pressure between 0.1% and 100% of the
manometer’s measurement range. Full Scale measurement
ranges from 1 to 1000 Torr (1.33 to 1333 mbar) are available.
E27F, E28F, and E29F Heated Absolute
Baratron® Capacitance Manometers with
Etch Sensor
For certain semiconductor and industrial manufacturing
processes, heating the Baratron capacitance manometer
to 100°C is sometimes not enough to prevent deposition
of process byproducts that cause drift in the manometer’s
output and undesirable process excursions. For these difficult
processes, MKS offers a heated capacitance manometer
with a patented etch baffle in its sensor, which forces
condensable process byproducts to deposit on a baffle before
reaching the sensor’s diaphragm measurement element.
This greatly reduces the amount of zero drift in the Baratron
capacitance manometer, which in turn improves the overall
Cost of Ownership and process accuracy. These products
are available in Full Scale measurement ranges as low as
0.02 Torr (0.27 mbar), and with either 15-pin D-subminiature
(E27F and E28F) or 9-pin D-subminiature (E29F) electrical
connectors.
D24F, D25F, D27F, and D28F Heated Dual-Range
Absolute Baratron® Capacitance Manometers
These products are designed for processes where the
customer wishes to measure and control the process over
a very wide pressure range. Standard single-range Baratron
capacitance manometers can be used in pressure control
systems down to at least 0.1% of their Full Scale range, but
at pressures below 0.05% of Full Scale, the analog output of
the manometer is low enough that some pressure controllers
may not be able to resolve the signal correctly. The dual-range
Baratron capacitance manometers solve that problem by
adding a second output signal that is 2x, 5x, or 10x higher
in gain than the primary range, which increases the analog
output signal by that same amount. These Baratron
capacitance manometers are heated to either 45°C or 100°C,
are available with or without internally-mounted process
relays, and have a single 15-pin D-subminiature electrical
connector. Primary pressure ranges from 10 to 1000 Torr
(13 to 1333 mbar) are available, and the secondary pressure
range is 2x, 5x, or 10x less than the primary range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com