Electronic Components Datasheet Search
  English  ▼

X  

628F Datasheet(PDF) 14 Page - MKS Instruments.

Part # 628F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 14 Page - MKS Instruments.

Back Button 628F Datasheet HTML 8Page - MKS Instruments. 628F Datasheet HTML 9Page - MKS Instruments. 628F Datasheet HTML 10Page - MKS Instruments. 628F Datasheet HTML 11Page - MKS Instruments. 628F Datasheet HTML 12Page - MKS Instruments. 628F Datasheet HTML 13Page - MKS Instruments. 628F Datasheet HTML 14Page - MKS Instruments. 628F Datasheet HTML 15Page - MKS Instruments. 628F Datasheet HTML 16Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
624F and 625F
624F
B
CE
11T
C
Configuration
Ordering Code Example: 624F11TCECB
Code
Example
Absolute Capacitance Manometers
45oC sensor temperature, relays
624F
100oC sensor temperature, relays
625F
Pressure Ranges Full Scale (Torr)
1
01T
2
02T
10
11T
20
21T
100
12T
500
52T
1000
13T
2000
23T
5000
53T
10000
14T
15000
RBT
20000
24T
Fittings
1/2” OD (12.7 mm) tubulation
BA
Swagelok 8 VCR, female
CE
1.33” OD Conflat, rotatable1
HA
NW16-KF2
GA
NW 16 KF, right angle
GE
NW25-KF2
GC
Accuracy (% of Reading)
0.12% (624D only)
C
0.25% (625D only)
E
Electrical Connector
15-pin D-connector, thread locks
B
15-pin D-connector, slide locks
P
Terminal block adaptor
U
15-pin D-connector, filtered
V
631D
631D
H
BA
B
11T
F
Configuration
Ordering Code Example: 631D11TBFHBA
Code
Example
Absolute Capacitance Manometers
15-pin D-connector
631D
Pressure Ranges Full Scale (Torr)
1
01T
2
02T
10
11T
30
31T
100
12T
1000
13T
Fittings
1/2” OD (12.7 mm) tubulation
A
Swagelok 8 VCR, female
B
NW16-KF
D
1.5” OD Sanitary
M
2.0” OD Sanitary
N
Accuracy (% of Reading)
0.50%
F
Sensor Temperature
150oC
H
200oC
P
Relay Configurations3
No relays
None
TP-A activates above 50% FS; TP-B activates above 50% FS
AA
TP-A activates above 50% FS; TP-B activates below 50% FS
AB
TP-A activates below 50% FS; TP-B activates below 50% FS
BB
TP-A activates below 50% FS; TP-B activates above 50% FS
BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com