Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
7
FIGURE 3. ANALOG SECTION OF ICL7106 AND ICL7107
Analog COMMON
This pin is included primarily to set the common mode voltage
for battery operation (ICL7106) or for any system where the
input signals are floating with respect to the power supply. The
COMMON pin sets a voltage that is approximately 2.8V more
negative than the positive supply. This is selected to give a
minimum end-of-life battery voltage of about 6V . However,
analog COMMON has some of the attributes of a reference
voltage. When the total supply voltage is large enough to
cause the zener to regulate (>7V), the COMMON voltage will
have a low voltage coefficient (0.001%/v), low output
impedance (≈15Ω), and a temperature coefficient typically
less than 80ppm/x ℃.
The limitations of the on chip reference should also be
recognized, however. With the ICL7107, the internal heating
which results from the LED drivers can cause some
degradation in performance. Due to their higher thermal
resistance, plastic parts are poorer in this respect than
ceramic.
The
combination
of
reference
Temperature
Coefficient (TC), internal chip dissipation, and package
thermal resistance can increase noise near full scale from 25
µV to 80 µVp-p. Also the linearity in going from a high
dissipation count such as 1000 (20 segments on) to a low
dissipation count such as 1111(8 segments on) can suffer by a
count or more. Devices with a positive TC reference may
require several counts to pull out of an over-range condition.
This is because over-range is a low dissipation mode, with the
three least significant digits blanked. Similarly, units with a
negative TC may cycle between over-range and a
non-over-range count as the die alternately heats and cools.
All these problems are of course eliminated if an external
reference is used.
The ICL7106, with its negligible dissipation, suffers from none
of these problems. In either case, an external reference can
easily be added, as shown in Figure 4.
Analog COMMON is also used as the input low return during
auto-zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system and
is taken care of by the excellent CMRR of the converter.
However, in some applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The same holds true for the reference voltage. If
reference can be conveniently tied to analog COMMON, it
should be since this removes the common mode voltage from
the reference system.
Within the IC, analog COMMON is tied to an N-Channel FET
that can sink approximately 30mA of current to hold the
voltage 2.8V below the positive supply (when a load is trying
to pull the common line positive). However, there is only 10 µA
of source current, so COMMON may easily be tied to a more
negative voltage thus overriding the internal reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com