Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 16 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 16 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
16
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1.
Controlling Dimensions: INCH. In case of conflict
between English and Metric dimensions, the inch
dimensions control.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
3.
Symbols are defined in the “MO Series Symbol List” in
Section 2.2 of Publication No.95.
4.
Dimensions A, A1 and L are measured with the package
seated in JEDEC seating plane gauge GS-3.
5.
D, D1, and E1 dimensions do not include mold flash or
protrusions. Mold flash or protrusions shall not exceed
0.010 inch(0.25mm).
6.
E and
are measured with the leads constrained to
be perpendicular to datum
.
7.
eB and eC are measured at the lead tips with the leads
unconstrained. eC must be zero or greater.
8.
B1 maximum dimensions do not include dambar
protrusions. Dambar protrusions shall not exceed 0.010
inch (0.25mm).
9.
N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 +1) for E8.3, E16.3,
E18.3, E28.3, E42.6 will have a B1 dimension of 0.030
-0.045 inch (0.76 – 1.14mm).
E40.6 (JEDEC MS-011-AC ISSUE B)
40 LEAD DUAL-IN-LINE PLASTIC PACKAGE
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
NOTES
A
-
0.250
-
6.35
4
A1
0.015
-
0.39
-
4
A2
0.125
0.195
3.18
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.030
0.070
0.77
1.77
8
C
0.008
0.015
0.204
0.381
-
D
1.980
2.095
50.3
53.2
5
D1
0.005
-
0.13
-
5
E
0.600
0.625
15.24
15.87
6
E1
0.485
0.580
12.32
14.73
5
e
0.100 BSC
2.54 BSC
-
eA
0.600 BSC
15.24 BSC
6
eB
-
0.700
-
17.78
7
L
0.115
0.200
2.93
5.08
4
N
40
40
9
Rev. 0 12/93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com