Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 17 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 17 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
17
Metric Plastic Quad Flatpack Packages (MQFP)
Q44.10 x 10 (JEDEC MS-022AB ISSUE B)
44 LEAD METRIC PLASTIC QUAD FLATPACK PACKAGE
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
NOTES
A
-
0.096
-
2.45
-
A1
0.004
0.010
0.10
0.25
-
A2
0.077
0.083
1.95
2.10
-
b
0.012
0.018
0.30
0.45
6
b1
0.012
0.016
0.30
0.40
-
D
0.515
0.524
13.08
13.32
3
D1
0.389
0.399
9.88
10.12
4,5
E
0.516
0.523
13.10
13.30
3
E1
0.390
0.398
9.90
10.10
4,5
L
0.029
0.040
0.73
1.03
-
N
44
44
7
e
0.032 BSC
0.80 BSC
-
Rev. 2 4/99
NOTES:
1. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
2. All dimensions and tolerances per ANSI Y14.5M-1982.
3.Dimensions D and E to be determined at seating plane
4. Dimensions D1 and E1 to be determined at datum plane
.
5. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm (0.010 inch) per side.
6.Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08 mm (0.003 inch) total.
7. “N” is the number of terminal positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com