Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
13
Typical Applications (Continued)
IN LO is tied to supply COMMON establishing the correct
common mode voltage. If COMMON is not shorted to GND, the
input voltage may float with respect to the power supply and
COMMON acts as a pre-regulator for the reference. If
COMMON is shorted to GND, the input is single ended
(referred to supply GND) and the pre-regulator is overridden.
FIGURE 13. ICL7107 WITH AN EXTERNAL BAND-GAP
REFERENCE (1.2V TYPE)
FIGURE 15. ICL7106 AND ICL7107:RECOMMENDED
COMPONENT VALUES FOR 2V FULL SCALE
Since low TC zeners have breakdown voltages ~6.8V, diode
must be placed across the total supply (10V). As in the case of
Figure 12, IN LO may be tied to either COMMON or GND.
FIGURE 14. ICL7107 WITH ZENER DIODE REFERENCE
An external reference must be used in this application, since
the voltage between V+ and V- is insufficient for correct
operation of the internal reference.
FIGURE 16. ICL7107 OPERATED FROM SINGLE +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com