Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
12
Typical Applications
The ICL7106 and ICL7107 may be used in a wide variety of
configurations. The circuits which follow show some of the
possibilities, and serve to illustrate the exceptional versatility
of these A/D converters.
The following application notes contain very useful information
on understanding and applying this part and are available
from intersil Corporation.
Application Notes
NOTE #
DESCRIPTION
AN016
“Selecting A/D Converters”
AN017
“The Integrating A/D Converter”
AN018
“Do’s and Don’ts of Applying A/D Converters”
AN023
“Low Cost Digital Panel Meter Designs”
AN032
“Understanding the Auto-Zero and Common
Mode Performance of the ICL7136/7/9 Family”
AN046
“Building a Battery-Operated Auto Ranging
DVM with the ICL7106”
AN052
“Tips for Using Single chip 3
1/2 Digit A/D
Converters”
AN9609
“Overcoming Common Mode Range Issues
When Using Intersil Integrating Coverters”
Typical Applications
Values shown are for 200mV full scale, 3 readings/sec.,
floating supply voltage (9V battery).
FIGURE 11. ICL7106 USING THE INTERNAL REFERENCE
Values shown are for 200mV full scale, 3 readings/sec. IN LO
may be tied to either COMMON for input floating with respect
to supplies, or GND for single ended inputs. (See discussion
under Analog COMMON).
FIGURE 12. ICL7107 USING THE INTERNAL REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com