Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPL Datasheet(PDF) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPL Datasheet(HTML) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPL Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPL Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
10
FIGURE 8. ICL7107 DIGITAL SECTION
System Timing
Figure 9 shows the clocking arrangement used in the ICL7106
and ICL7107. Two basic clocking arrangements can be used:
1.
Figure 9A. An external oscillator connected to pin 40.
2.
Figure 9B. An R-C oscillator using all three pins.
The oscillator frequency is divided by four before it clocks the
decade counters. It is then further divided to form the three
convert-cycle phases. These are signal integrate (1000
counts), reference de-integrate (0 to 2000 counts) and
auto-zero (1000 to 3000 counts). For signals less than full
scale, auto-zero gets the unused portion of reference
de-integrate. This makes a complete measure cycle of 4,000
counts (16,000 clock pulses) independent of input voltage.
For three readings/second, an oscillator frequency of 48kHz
would be used.
To achieve maximum rejection of 60Hz pickup, the signal
integrate cycle should be a multiple of 60 Hz. Oscillator
frequencies of 240kHz, 120kHz, 80kHz, 60kHz, 48kHz, 40kHz,
33
1/3kHz, etc. should be selected. For 50Hz rejection,
Oscillator frequencies of 200kHz, 100kHz, 66
2/3kHz,
50kHz,40kHz, etc. would be suitable. Note that 40kHz (2.5
readings/second) will reject both 50Hz and 60Hz (also 400Hz
and 440Hz).
FIGURE 9B.
FIGURE 9. CLOCK CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com