Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 8 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 8 Page - DATEL, Inc.

Back Button TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. TFR Datasheet HTML 10Page - DATEL, Inc. TFR Datasheet HTML 11Page - DATEL, Inc. TFR Datasheet HTML 12Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
Input Capacitance at the Power Module
In order to avoid problems with loop stability, the converter must be
connected to a low impedance AC source and a low inductance source.
The input capacitors (Cin) should be placed close to the converter input
pins to de-couple distribution inductance. The external input capacitors
should have low ESR in order to quiet any ripple. Circuit as shown in the
figure below represents typical measurement methods for reflected
ripple current. The capacitor C1 and inductor L1 simulate the typical DC
source impedance. The input reflected-ripple current is measured by a
current probe oscilloscope with a simulated source Inductance (L1).
L1: 1µH
C1: None
Cin: 22µF ESR<0.7ohm @100KHz
Input Reflected-Ripple Test Setup
Test Set-Up
The basic test set-up to measure efficiency, load regulation, line
regulation and other parameters is shown in the next figure. When
testing the converter under any transient conditions, the user should
ensure that the transient response of the source is sufficient to power
the equipment under test. Below is the calculation of:
1-
Efficiency
2-
Load regulation
3-
Line regulation
The value of efficiency is defined as:
%
100
×
×
×
=
IN
IN
O
O
I
V
I
V
η
Where
VO is output voltage,
IO is output current,
VIN is input voltage,
IIN is input current.
The value of load regulation is defined as:
%
100
.
×
−
=
NL
NL
FL
V
V
V
reg
Load
Where
VFL is the output voltage at full load
VNL is the output voltage at 10% load
The value of line regulation is defined as:
%
100
.
×
−
=
LL
LL
HL
V
V
V
reg
Line
Where
VHL is the output voltage of maximum input voltage at full load.
VLL is the output voltage of minimum input voltage at full load.
TFR Series Test Setup
Output Ripple and Noise Measurement
The test set-up for noise and ripple measurements is shown in the figure
below. A coaxial cable was used to prevent impedance mismatch
reflections disturbing the noise readings at higher frequencies.
Measurements are taken with output appropriately loaded and all
ripple/noise specifications are from D.C. to 20MHz Band Width.
+Vin
-Vin
-Vo
+Vo
R-Load
C2
Vin
+
-
BNC
To Scope
C1
Note:
C1: None
C2: 0.1uF Ceramic capacitor
Output Voltage Ripple and Noise Measurement Set-Up for Single
Output Model
C1: None
C2: 0.1uF Ceramic capacitor
Output Voltage Ripple and Noise Measurement Set-Up for Dual
Output Model
The conventional ground clip on an oscilloscope probe should never be
used in this kind of measurement. This clip, when placed in a field of
radiated high frequency energy, acts as an antenna or inductive pickup
loop, creating an extraneous voltage that is not part of the output noise
of the converter.
Page
8 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com