Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 1 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 1 Page - DATEL, Inc.

  TFR Datasheet HTML 1Page - DATEL, Inc. TFR Datasheet HTML 2Page - DATEL, Inc. TFR Datasheet HTML 3Page - DATEL, Inc. TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
FEATURES
Industry Standard 24-Pin DIP package
10 Watts Isolated Output
Wide Input Range (43 - 160 Volts)
Regulated Outputs
Up to 88 % Efficiency
Low No-Load Power Consumption
-40°C to +85°C industrial temperature range
Remote On/Off logic control
Over Current Protection
Continuous Short Circuit Protection
Sense Compensation, Over-temperature protection
3050m Operating Altitude,12000m Transport Altitude
Designed to meet CE 2014/30/EC
Fire & Smoke Meets EN45545-2
Designed to meet Shock & Vibration EN50155
(EN61373) with external circuits
Safety designed to meet UL60950-1
PRODUCT OVERVIEW
The TFR railway series offer 10 watts of output power in a 24 pin industry-
standard DIP package. These converters have ultra-wide input voltage range of
43 to 160 Volts. They provide precise regulated output voltages ranging from 5 to
15 volts. Models are available as single or dual output. Other output voltages are
also available and please contact DATEL if your application requires such
modification.
This series features high efficiency up to 88%; 3000 Volts of DC of isolation and
can operate over the ambient temperature range of –40°C to +85°C. These
modules are fully protected against input Under Voltage Lock Out (UVLO), output
short circuit and output overvoltage conditions.
APPLICATIONS:
Driver Computer System
Communications System
Remote & Car Control
Emergency Start
Media / Alarms / Horn / Cameras
Windshield Washer Wipers
Remote Control / Operation
Passenger Comfort Systems
Ticketing / Counting / Tracking Systems
Doors / Lifts (Including Disabling Facilities)
Contact DATEL for other series, Cost saving, lower power, other output
voltages, etc.
MODEL NUMBER
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT MAX
EFFICIENCY %
LINE REGULATION
OPTION
TFR101S12-0.83
43-160 VDC
12VDC
0.835 A
88
0.2%
N
TFR101S15-0.66
43-160 VDC
15VDC
0.666 A
88
0.2%
N
TFR101D5-1
43-160 VDC
±5VDC
1 A
85
0.2%
N
TFR101D12-0.41
43-160 VDC
±12 VDC
±0.416 A
87
0.2%
N
TFR101D15-0.33
43-160 VDC
±15 VDC
±0.333 A
87
0.2%
N
BLOCK DIAGRAM
Block Diagram for Single Output Models
Block Diagram for Dual Output Models
Page
1 of 13


Similar Part No. - TFR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFR010 ETC-TFR010 Datasheet
509Kb / 1P
RF FLANGED POWER RESISTORS
TFR050 ETC-TFR050 Datasheet
982Kb / 2P
RF POWER RESISTORS
TFR050 ETC-TFR050 Datasheet
509Kb / 1P
RF FLANGED POWER RESISTORS
logo
Toshiba Semiconductor
TFR07 TOSHIBA-TFR07 Datasheet
134Kb / 2P
STROBO FLASHER APPLICATIONS (FAST RECOVERY)
logo
List of Unclassifed Man...
TFR100 ETC-TFR100 Datasheet
982Kb / 2P
RF POWER RESISTORS
More results

Similar Description - TFR

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
508500B00000 AAVID-508500B00000 Datasheet
73Kb / 2P
For use with 24 PIN DIP packages
2/25/2003
580500B00000 AAVID-580500B00000 Datasheet
92Kb / 2P
For use with 24 PIN DIP packages
2/26/2003
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
16 Pin to 24 Pin DIP Adapters
logo
Wall Industries,Inc.
LANB WALL-LANB Datasheet
76Kb / 2P
24 Pin DIP for LAN Applications
logo
PCA ELECTRONICS INC.
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
logo
Aries Electronics, Inc.
22-304504-18-P ARIES-22-304504-18-P Datasheet
647Kb / 1P
24-Pin SOIC-to-22-Pin 0.400" DIP
logo
ACCUTEK MICROCIRCUIT CO...
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
20 Pin to 24 DIP Adpaters
logo
PCA ELECTRONICS INC.
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
logo
Aries Electronics, Inc.
18080 ARIES-18080 Datasheet
744Kb / 1P
24-Pin SOIC-to-22-Pin 0.400" DIP
logo
Mean Well Enterprises C...
RSDW08 MEANWELL-RSDW08 Datasheet
120Kb / 5P
8W DIP Package Reliable Railway DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com