Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 10 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 10 Page - DATEL, Inc.

Back Button TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. TFR Datasheet HTML 10Page - DATEL, Inc. TFR Datasheet HTML 11Page - DATEL, Inc. TFR Datasheet HTML 12Page - DATEL, Inc. TFR Datasheet HTML 13Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
SAFETY and EMC
Input Fusing and Safety Considerations
The TFR series converters have not an internal fuse. In order to achieve maximum safety and system protection, always use an input line fuse and DATEL
recommend a fast acting fuse 0.5A for all models of this series. The circuit shown below is recommended using a Transient Voltage Suppressor diode
across the input terminal to protect the unit against surge or spike voltage and input reverse voltage.
Input Protection
EMC Considerations
EMI Test standard: EN55022 Class A Conducted Emission
Test Condition: Input Voltage: Nominal, Output Load: Full Load
Connection circuit for conducted EMI testing
Model No.
C1
C2
TFR101S12-0.83
1µF/250V
1µF/250V
TFR101S15-0.66
1µF/250V
1µF/250V
TFR101D5-1
1µF/250V
1µF/250V
TFR101D12-0.41
1µF/250V
1µF/250V
TFR101D15-0.33
1µF/250V
1µF/250V
Note: All of capacitors are ceramic capacitors and 1812 size.
Page
10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com