Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 5 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 5 Page - DATEL, Inc.

  TFR Datasheet HTML 1Page - DATEL, Inc. TFR Datasheet HTML 2Page - DATEL, Inc. TFR Datasheet HTML 3Page - DATEL, Inc. TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
Operating Temperature Range
The TFR series of converters operates over the wide ambient temperature
range of -40
℃to+85℃.Deratingforthisseriesstartsabovethe
temperature of +60
℃.Thestandardmodelcasetemperatureshouldnot
go over +100
℃fornormaloperation.
Remote On/Off
The TFR series allows the user to switch the module on and off
electronically with the remote on/off feature. All models are available in
“positive logic” versions. The converter turns on if the Remote On/Off pin
is high (greater than 3.5 Volts) or open circuit. The converter will turn off
when the Remote On/OFF pin is low (Less than 1.2Votls) will turn the
converter off. The signal level of the Remote On/Off input is defined with
respect to ground. If the Remote On/Off pin is not used, the user should
leave the pin open and the converter will be on. Models with part number
option “N” are the “negative logic” remote on/off version. The unit turns
off if the remote On/Off pin is high (>3.5Vdc or open circuit). The converter
turns on if the on/off pin input is low (0 to<1.2Vdc). Note that the converter
is off by default.
Over Current Protection
All models have internal over current and continuous short circuit
protection. The unit operates normally once the fault condition is removed.
The converter will go into hiccup mode protection when it reach the
current limit condition.
Under Voltage Lock Out (UVLO)
Input under voltage lockout is standard on the TFR unit. The unit will shut
down when the input voltage drops below the threshold. On the other hand,
the unit will operate when the input voltage goes above the upper
threshold.
Over Voltage Protection
The over-voltage protection consists of a Zener diode that will limit the
output voltage.
Recommended PCB Layout/Footprints and Soldering
Information
The user must ensure that other components and metal in the vicinity of
the converter meet the spacing requirements to which the system is
approved. Low resistance and low inductance PCB layout should be used
where possible. Proper attention must also be given to low impedance
tracks between power module, input and output grounds. The
recommended footprints and soldering profiles are shown in the next two
figures.
Recommended PCB Footprint, Dimensions are in inches (millimeters)
Recommended Wave Soldering Profiles
Note:
1. Soldering Materials: Sn/Cu/Ni
2. Ramp up rate during preheating: 1.4
℃/Sec(From+50℃to+100℃)
3. Soaking temperature: 0.5
℃/Sec(From+100℃to+130℃),60±20
seconds
4. Peak temperature: +260
℃,above+250℃3~6Seconds
5. Ramp up rate during cooling: -10.0
℃/Sec(From+260℃to+150℃)
0
50
100
150
200
250
300
0
50
100
150
Time (Seconds)
Lead Free Wave Soldering Profile
Page
5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com