Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 3 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 3 Page - DATEL, Inc.

  TFR Datasheet HTML 1Page - DATEL, Inc. TFR Datasheet HTML 2Page - DATEL, Inc. TFR Datasheet HTML 3Page - DATEL, Inc. TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
Operating Output Current Range
Vo=±5.0
0
±1000
mA
Vo=12
0
835
Vo=15
0
667
Vo=±12
0
±417
Vo=±15
0
±333
Output DC Current-Limit Inception
Output Voltage=90% VO, nominal
110
140
170
%
Maximum Output Capacitance
Full load, Resistance
Vo=±5.0
Vo=12
Vo=15
Vo=±12
Vo=±15
1000
835
667
417
333
µF
DYNAMIC CHARACTERISTICS
PARAMETER
CONDITIONS
MODEL
Min.
Typical
Max.
Units
Output Voltage Current Transient
Step Change in Output Current
75% to 100% of Io_max
di/dt=0.1A/us
All
±5
%
Setting Time (within 1% Vonominal)
All
250
µs
Turn-On Delay and Rise Time
Turn-On Delay Time, From On/Off Control
Von/off to 10%Vo_set
All
7
ms
Turn-On Delay Time, From Input
Vin _min to 10%Vo_set
All
7
ms
Output Voltage Rise Time
10% Vo_set to 90% Vo_set
Single
Dual
8
18
ms
FEATURE CHARACTERISTICS
PARAMETER
CONDITIONS
Device
Min.
Typical
Max.
Units
Efficiency 100% Load
Vin = Nominal , Io = Io_max, Tc=25
℃
TFR101S12-0.83
88
%
TFR101S15-0.66
88
TFR101D5-1
85
TFR101D12-0.41
87
TFR22D15-0.33
87
ISOLATION CHARACTERISTICS
Input to Output
1 minutes
All
3000
Volts
Isolation Resistance
All
1000
MΩ
Isolation Capacitance
All
1000
pF
Switching Frequency
All
240
KHz
On/Off Control, Positive Remote On/Off logic
Logic High (Module On)
Von/off at Ion/off=0.1µA
All
3.5 or
Open
Circuit
160
Volts
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
All
0
1.2
Volts
On/Off Control, Negative Remote On/Off logic
Logic High (Module Off)
Von/off at Ion/off=1.0mA
All
3.5 or
Open
Circuit
160
Volts
Logic Low (Module On)
Von/off at Ion/off=0.1uA
All
1.2
Volts
On/Off Current (for both remote on/off logic)
Ion/off at Von/off=0V
All
0.3
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
30
uA
Off Converter Input Current
Shutdown input idle current
All
2
4
mA
Page
3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com