Electronic Components Datasheet Search
  English  ▼

X  

TFR Datasheet(PDF) 4 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 4 Page - DATEL, Inc.

  TFR Datasheet HTML 1Page - DATEL, Inc. TFR Datasheet HTML 2Page - DATEL, Inc. TFR Datasheet HTML 3Page - DATEL, Inc. TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
Output Over Voltage Protection
Zener or TVS Clamp
Vo=12V
15
Volts
Vo=15V
18
Vo=±5V
±6.2
Vo=±12V
±15
Vo=±15V
±18
MTBF
Io =100%of Io_max;Ta=25℃per MIL-HDBK-217F
All
960
K hours
Weight
All
16
grams
Baseplate Material
Plastic, LCP
Case Material
Plastic, DAP
Potting Materials
UL94V-0
Pin Materials
Base: Copper, Plating: Nickel with Matte Tin
Shock / Vibration
MIL-STD-810F / EN61373
Humidity
95% RH max. Non Condensing
Altitude
3050m Operating Altitude,12000m Transport Altitude
Thermal Shock
MIL-STD-810F
ESD
EN61000-4-2 Level 3: Air ±8kV, Contact ±6kV
EMI
Meets EN55011, EN55022 & EN50155 with
external input filter, EN55032
Class A
Fast Transient
EN61000-4-4 Level 3: On power input port,
±2kV, external input capacitor required
Perf. Criteria A
Radiated Immunity
EN61000-4-3 Level 3: 80~1000MHz, 20V/m
Perf. Criteria A
Surge
EN61000-4-5 Level 4: Line to earth, ±4kV,
Line to line, ±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6 Level 3: 0.15~80MHz, 10V
Perf. Criteria A
Interruptions of Voltage Supply
EN50155 10ms Interruptions
Class S2
Supply Change Over
EN50155 During a supply break of 30 ms
Class C2
Page
4 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com