Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 5Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 6Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 9Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 10Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 11Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
9 of 20
POWER MODES
The DS2764 has two power modes: active and sleep. While in active mode, the DS2764 continually measures
current, voltage, and temperature to provide data to the host system and to support current accumulation and Li+
safety monitoring. In sleep mode, the DS2764 ceases these activities. The DS2764 enters sleep mode when any of
the following conditions occurs:
§
The PMOD bit in the Status Register has been set to 1 and both SCL and SDA are low for longer
than 2.1s (pack disconnection).
§
The voltage on VIN drops below undervoltage threshold VUV for tUVD (cell depletion).
The DS2764 returns to active mode when any of the following occurs:
§
The PMOD bit has been set to 1 and either the SDA or SCL line is pulled high (pack connection).
§
The
PS pin is pulled low (power switch).
§
The voltage on PLS becomes greater than the voltage on VDD (charger connection).
The DS2764 defaults to active mode when power is first applied.
Li+ PROTECTION CIRCUITRY
During active mode, the DS2764 constantly monitors cell voltage and current to protect the battery from overcharge
(overvoltage), overdischarge (undervoltage), and excessive charge and discharge currents (overcurrent, short
circuit). Conditions and DS2764 responses are described in the following sections and summarized in Table 1 and
Figure 4.
Table 1. Li+ Protection Conditions and DS2764 Responses
ACTIVATION
CONDITION
THRESHOLD
DELAY
RESPONSE
RELEASE THRESHOLD
Overvoltage
VIN > VOV
tOVD
CC high
VIN < VCE, or
VIS ≤ -2mV
Undervoltage
VIN < VUV
tUVD
CC, DC high,
Sleep Mode
VPLS > VDD
(1)
(charger connected)
Overcurrent, Charge
VIS > VOC
(2)
tOCD
CC, DC high
VPLS < VDD - VTP
(3)
Overcurrent, Discharge
VIS < -VOC
(2)
tOCD
DC high
VPLS > VDD - VTP
(4)
Short Circuit
VSNS > VSC
tSCD
DC high
VPLS > VDD - VTP
(4)
VIS = VIS1 - VIS2. Logic high = VPLS for CC and VDD for DC. All voltages are with respect to VSS. ISNS references current delivered from pin SNS.
Note 1:
If VDD < 2.2V, release is delayed until the recovery charge current passed from PLS to VDD charges the battery and allows VDD to
exceed 2.2V.
Note 2:
For the internal sense resistor configuration, the overcurrent thresholds are expressed in terms of current: ISNS > IOC for charge
direction and ISNS < -IOC for discharge direction.
Note 3:
With test current ITST flowing from PLS to VSS (pulldown on PLS).
Note 4:
With test current ITST flowing from VDD to PLS (pullup on PLS).
Overvoltage. If the cell voltage on VIN exceeds the overvoltage threshold, VOV, for a period longer than overvoltage
delay, tOVD, the DS2764 shuts off the external charge FET and sets the OV flag in the protection register. When the
cell voltage falls below charge enable threshold VCE, the DS2764 turns the charge FET back on (unless another
protection condition prevents it). Discharging remains enabled during overvoltage, and the DS2764 re-enables the
charge FET before VIN < VCE if a discharge current of -80mA (VIS ≤ -2mV) or less is detected.
Undervoltage. If the voltage of the cell drops below undervoltage threshold, VUV, for a period longer than
undervoltage delay, tUVD, the DS2764 shuts off the charge and discharge FETs, sets the UV flag in the protection
register, and enters sleep mode. The DS2764 provides a recovery charge path from PLS to VDD to power the
DS2764 by the charger when the cell is severely depleted. Once the DS2764 regains power it will enter active
mode of operation and allow full charging of the cell. The recovery charge path is disabled when the cell voltage is
above 3.0V to prevent cell overcharge through the PLS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com