Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 9Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 10Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 11Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 14Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
11 of 20
CURRENT MEASUREMENT
In active mode, the DS2764 continually measures the current flow into and out of the battery by measuring the
voltage drop across a current-sense resistor. The DS2764 is available in two configurations: 1) internal 25m
W
current-sense resistor and 2) external user-selectable sense resistor. In either configuration, the DS2764 considers
the voltage difference between pins IS1 and IS2 (VIS = VIS1 - VIS2) to be the filtered voltage drop across the sense
resistor. A positive VIS value indicates current is flowing into the battery (charging), while a negative VIS value
indicates current is flowing out of the battery (discharging).
VIS is measured with a signed resolution of 12 bits. The current register is updated in two’s-complement format
every 88ms with an average of 128 readings. Current measurements outside the register range are reported at the
range limit. Each measurement is internally compensated for offset on a continual basis minimizing error resulting
from variations in device temperature and voltage. Figure 5 shows the format of the current register.
For the internal sense resistor configuration, the DS2764 maintains the current register in units of amps, with a
resolution of 0.625mA and full-scale range of no less than
±1.9A (see Note 7 on IFS spec for more details). The
DS2764 automatically compensates for internal sense resistor process variations and temperature effects when
reporting current.
For the external sense resistor configuration, the DS2764 writes the measured VIS voltage to the current register,
with a 15.625
mV resolution and a full-scale ±64mV range.
Figure 5. Current Register Format
MSB—Address 0E
LSB—Address 0F
S
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
MSb
LSb
MSb
LSb
Units: 0.625mA for Internal Sense Resistor
15.625
mV for External Sense Resistor
CURRENT ACCUMULATOR
The current accumulator facilitates remaining capacity estimation by tracking the net current flow into and out of the
battery. Current flow into the battery increments the current accumulator while current flow out of the battery
decrements it. Data is maintained in the current accumulator in two’s-complement format. Figure 6 shows the
format of the current accumulator.
When the internal sense resistor is used, the DS2764 maintains the current accumulator in units of amp-hours, with
a 0.25mAhrs resolution and full-scale
±8.2Ahrs range. When using an external sense resistor, the DS2764
maintains the current accumulator in units of volt-hours, with a 6.25
mVhrs resolution and a full-scale ±205mVhrs
range.
The current accumulator is a read/write register that can be altered by the host system as needed.
Figure 6.
Current Accumulator Format
MSB—Address 10
LSB—Address 11
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
Units: 0.25mAhrs for Internal Sense Resistor
6.25
mVhrs for External Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com