Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 14Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 15Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 16Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 17Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 18Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 19Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
20 of 20
64-BIT UNIQUE ID
The DS2764 can be special ordered with a unique, factory-programmed ID that is 64 bits in length. The first eight
bits are the product family code (B0h for DS2764). The next 48 bits are a unique 40-bit serial number followed by
0x64h. The last eight bits are a cyclic redundancy check (CRC) of the first 56 bits (see Figure 16). The 64-bit ID
can be read as 8 bytes starting at memory address F0h. The 64-bit ID is read only.
Figure 16. 64-BIT ID FORMAT
8-BIT CRC
48-BIT SERIAL NUMBER
8-BIT FAMILY
CODE (B0h)
msb
lsb
SELECTOR GUIDE
PART
MARKING
PACKAGE INFORMATION
DS2764AE
DS2764A
TSSOP, External Sense Resistor, 4.275V VOV
DS2764BE
DS2764B
TSSOP, External Sense Resistor, 4.35V VOV
DS2764AE/T&R
DS2764A
DS2764AE on Tape-and-Reel
DS2764BE/T&R
DS2764B
DS2764BE on Tape-and-Reel
DS2764AE-025*
DS2764AR
TSSOP, 25m
W Sense Resistor, 4.275V VOV
DS2764BE-025*
DS2764BR
TSSOP, 25m
W Sense Resistor, 4.35V VOV
DS2764AE-025/T&R*
DS2764AR
DS2764AE-025 in Tape-and-Reel
DS2764BE-025/T&R*
DS2764BR
DS2764BE-025 in Tape-and-Reel
DS2764AX-025/T&R*
DS2764AR
Flip-Chip, 25m
W Sense Resistor, Tape-and-Reel, 4.275V VOV
DS2764BX-025/T&R*
DS2764BR
Flip-Chip, 25m
W Sense Resistor, Tape-and-Reel, 4.35V VOV
DS2764AX/T&R*
DS2764A
Flip-Chip, External Sense Resistor, Tape-and-Reel, 4.275V VOV
DS2764BX/T&R*
DS2764B
Flip-Chip, External Sense Resistor, Tape-and-Reel, 4.35V VOV
*Denotes option available at a future date
Note 1: Additional VOV options are available, contact Maxim/Dallas Semiconductor sales.
Note 2: To order devices with the unique 64-bit ID option, contact Maxim/Dallas Semiconductor sales.
PACKAGE INFORMATION
(For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor
product. No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any
time.
Ma xi m Integr at ed Pr oducts, 120 San Gabr i el Dr ive, Sunnyval e, CA 94086 40 8- 737- 7600
© 2003 Maxim Integrated Products
· Printed USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com