Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 14Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 15Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 16Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 17Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 18Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 19Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
17 of 20
2-WIRE BUS SYSTEM
The 2-Wire bus system supports operation as a slave only device in a single or multi-slave, and single or multi-
master system. Up to 128 slave devices may share the bus by uniquely setting the 7-bit slave address. The 2-wire
interface consists of a serial data line (SDA) and serial clock line (SCL). SDA and SCL provide bidirectional
communication between the DS2764 slave device and a master device at speeds up to 100kHz. The DS2764’s
SDA pin operates bi-directionally, that is, when the DS2764 receives data, SDA operates as an input, and when the
DS2764 returns data, SDA operates as an open drain output, with the host system providing a resistive pull-up.
The DS2764 always operates as a slave device, receiving and transmitting data under the control of a master
device. The master initiates all transactions on the bus and generates the SCL signal as well as the START and
STOP bits which begin and end each transaction.
Bit Transfer
One data bit is transferred during each SCL clock cycle, with the cycle defined by SCL transitioning low-to-high and
then high-to-low. The SDA logic level must remain stable during the high period of the SCL clock pulse. Any
change in SDA when SCL is high is interpreted as a START or STOP control signal.
Bus Idle
The bus is defined to be idle, or not busy, when no master device has control. Both SDA and SCL remain high
when the bus is idle. The STOP condition is the proper method to return the bus to the idle state.
START and STOP Conditions
The master initiates transactions with a START condition (S), by forcing a high-to-low transition on SDA while SCL
is high. The master terminates a transaction with a STOP condition (P), a low-to-high transition on SDA while SCL
is high. A Repeated START condition (Sr) can be used in place of a STOP then START sequence to terminate
one transaction and begin another without returning the bus to the idle state. In multi-master systems, a Repeated
START allows the master to retain control of the bus. The START and STOP conditions are the only bus activities
in which the SDA transitions when SCL is high.
Acknowledge Bits
Each byte of a data transfer is acknowledged with an Acknowledge bit (A) or a No Acknowledge bit (N). Both the
master and the DS2764 slave generate acknowledge bits. To generate an Acknowledge, the receiving device
must pull SDA low before the rising edge of the acknowledge-related clock pulse (ninth pulse) and keep it low until
SCL returns low. To generate a No Acknowledge (also called NAK), the receiver releases SDA before the rising
edge of the acknowledge-related clock pulse and leaves SDA high until SCL returns low.
Monitoring the
acknowledge bits allows for detection of unsuccessful data transfers. An unsuccessful data transfer can occur if a
receiving device is busy or if a system fault has occurred. In the event of an unsuccessful data transfer, the bus
master should re-attempt communication.
Data Order
A byte of data consists of 8 bits ordered most significant bit (msb) first. The least significant bit (lsb) of each byte is
followed by the Acknowledge bit. DS2764 registers composed of multi-byte values are ordered most significant
byte (MSB) first. The MSB of multi-byte registers is stored on even data memory addresses.
Slave Address
A bus master initiates communication with a slave device by issuing a START condition followed by a Slave
Address (SAddr) and the read/write (R/W) bit. When the bus is idle, the DS2764 continuously monitors for a
START condition followed by its slave address. When the DS2764 receives a slave address that matches the
value in its Programmable Slave Address register, it responds with an Acknowledge bit during the clock period
following the R/W bit. The 7-bit Programmable Slave Address register is factory programmed to 0110100. The
slave address can be re-programmed, refer to the Programmable Slave Address section for details.
Read/Write Bit
The R/W bit following the slave address determines the data direction of subsequent bytes in the transfer. R/W = 0
selects a write transaction, with the following bytes being written by the master to the slave. R/W = 1 selects a
read transaction, with the following bytes being read from the stave by the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com