Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2764AX/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2764AX/T Datasheet HTML 6Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 9Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 10Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 11Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
10 of 20
Overcurrent, Charge Direction. The voltage difference between the IS1 pin and the IS2 pin (VIS = VIS1 - VIS2) is the
filtered voltage drop across the current-sense resistor. If VIS exceeds overcurrent threshold VOC for a period longer
than overcurrent delay tOCD, the DS2764 shuts off both external FETs and sets the COC flag in the protection
register. The charge current path is not re-established until the voltage on the PLS pin drops below VDD - VTP. The
DS2764 provides a test current of value ITST from PLS to VSS to pull PLS down to detect the removal of the
offending charge current source.
Overcurrent, Discharge Direction. If VIS is less than -VOC for a period longer than tOCD, the DS2764 shuts off the
external discharge FET and sets the DOC flag in the protection register. The discharge current path is not re-
established until the voltage on PLS rises above VDD - VTP. The DS2764 provides a test current of value ITST from
VDD to PLS to pull PLS up to detect the removal of the offending low-impedance load.
Short Circuit. If the voltage on the SNS pin with respect to VSS exceeds short-circuit threshold VSC for a period
longer than short-circuit delay tSCD, the DS2764 shuts off the external discharge FET and sets the DOC flag in the
protection register. The discharge current path is not re-established until the voltage on PLS rises above VDD - VTP.
The DS2764 provides a test current of value ITST from VDD to PLS to pull PLS up to detect the removal of the short
circuit.
Figure 4. Li+ Protection Circuitry Example Waveforms
Summary. All of the protection conditions described above are OR’ed together to affect the
CC and DC outputs.
DC = (Undervoltage) or (Overcurrent, Either Direction) or (Short Circuit) or (Protection Register Bit DE = 0)
or (Sleep Mode)
CC = (Overvoltage and VIS ≥ -2mV) or (Undervoltage) or (Overcurrent, Charge Direction) or (Protection
Register bit CE = 0) or (Sleep Mode)
Soft Startup. The discharge protection FET is turned on slowly when the DS2764 enters Active mode from Sleep.
The soft startup reduces the inrush current that normally occurs when a battery pack is inserted into an un-powered
host system. Soft Startup does not reduce inrush currents if the DS2764 is already in Active mode when the
battery pack is connected to the un-powered system.
MODE
VOV
VCE
VUV
VCELL
VIS
CHARGE
DISCHARGE
CC
DC
-VSC
VOC
-VOC
0
tSCD
tOCD
tOCD
tUVD
tOVD
VPLS
VDD
ACTIVE
VSS
VSS
SLEEP
tOVD
(NOTE 1)
NOTE 1: TO ALLOW THE DEVICE TO REACT QUICKLY TO SHORT CIRCUITS, DETECTION OCCURS ON THE SNS PIN RATHER THAN ON THE
FILTERED IS1 AND IS2 PINS. THE ACTUAL SHORT-CIRCUIT DETECT CONDITION IS VSNS > VSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com